Part Number Hot Search : 
PEMH1 1221C AD233AN BZX84C20 BU4229G 1SM5936B 1221C M54HC221
Product Description
Full Text Search
 

To Download SVF12N60STR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  svf 12n60 t/f /fg /s /k _datasheet hangzhou silan microelectronics c o.,ltd rev: 1. 5 201 2.0 8 . 2 3 h ttp://www.silan.com.cn page 1 of 9 nomenclature ordering information part no. package marking material packing svf 12n60t to - 220 - 3l svf 12n60t pb free tube svf 12n60f to - 220f - 3l svf 12n60f pb free tube svf12n60fg to - 220f - 3l svf12n60fg halogen free tube svf12n60 s to - 263 - 2l svf12n60 s pb fr ee tube svf12n60 str to - 263 - 2l svf12n60 s pb free tape&reel svf12n60 k to - 26 2 - 3 l svf12n60 k pb free tube 12 a , 6 0 0v n - channel mosfet general description svf 12n60 t/f /fg /s /k is an n - channel enhancement mode power mos field effect transistor which is produced using silan proprietary f - cell tm structure v dmos technology. the improved planar stripe cell and the im pro ved guard ring terminal have been especially tailored to minimize on - state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. these devices are widely used in ac - dc power suppliers , dc - dc converters and h - bridge pwm motor drivers. features ? 12 a,60 0v,r ds(on) (typ) = 0. 58 ? @v gs =10v ? low gate charge ? low crss ? fast switching ? improved dv/dt capability
silan microelectronics svf 12n60 t/f /fg /s /k _datasheet hangzhou silan microelectronics c o.,ltd rev: 1. 201 2.0 . 2 3 h ttp://.silan.com.cn page 2 o absolute maximum ratings (t c 2 characteristics symbol r ating s unit sv f 12n 60t sv f 12n 60f (g) sv f 12n 60s sv f 12n 60k drai n - source voltage v ds 600 v gate - source voltage v gs 30 v drain current t c 2c i d 12 a t c 100 c drain current pulsed i dm a poer dissipation (t c 2 thermal characteristics characteristics symbol r ating s unit sv f 12n 60t sv f 12n 60f (g) sv f 12n 60s sv f 12n 60k t h ermal resistance, unction - to - case r jc ja electrical characteristics (t c 2 characteristics symbol test conditions min . typ. max. unit drain - s ource b reakdon v oltage b vdss v gs 0v, i d 20a 6 0 0 -- -- v d rain - source leakage current i dss v ds 6 0 0 v, v gs 0v -- -- 1 . 0 a gate - s ource l eak age c urrent i gss v gs 30 v , v ds 0 v -- -- 10 0 na gate threshold v oltage v gs(th) v gs v ds , i d 20a 2.0 -- .0 v static drain - s ource o n s tate r esistance r ds(on) v gs 10 v, i d 6.0 a -- 0. 0. ? ?
silan microelectronics svf 12n60 t/f /fg /s /k _datasheet hangzhou silan microelectronics c o.,ltd rev: 1. 201 2.0 . 2 3 h ttp://.silan.com.cn page 3 o source - drain diode ratings and characteristics characteristics symbol test conditions min. typ. max. unit continuous sour ce current i s integral reverse p - n unction diode in the mosfet -- -- 12 a pulsed source current i sm -- -- diode forard voltage v sd i s 12a,v gs 0v -- -- 1. 3 v reverse recovery time t rr i s 12a,v gs 0v, di f /dt100a/ s (note 2 ) -- . -- ns reverse recovery charge rr -- .2 -- c notes: 1. l= 30 mh, i as = 6.66 a, v dd = 140 v, r g =25 ? 300s,duty cycle2%; typical characteristics figure 1. on-region characteristics figure 2. transer characteristics drain current C C C C C ?) drain current C C C
silan microelectronics svf 12n60 t/f /fg /s /k _datasheet hangzhou silan microelectronics c o.,ltd rev: 1. 201 2.0 . 2 3 h ttp://.silan.com.cn page o typical characteristics(continued) 0. 0. 1.1 1.0 -100 -0 0 0 100 200 drain-source breakdon voltage(normalied) C C C ? C C C C
silan microelectronics svf 12n60 t/f /fg /s /k _datasheet hangzhou silan microelectronics c o.,ltd rev: 1. 201 2.0 . 2 3 h ttp://.silan.com.cn page o typical characteristics(continued) 2 0 100 12 10 0 2 6 12 figure 10. maximum drain current vs. case temperature drain current - i d (a) case temperature C ???
silan microelectronics svf 12n60 t/f /fg /s /k _datasheet hangzhou silan microelectronics c o.,ltd rev: 1. 201 2.0 . 2 3 h ttp://.silan.com.cn page 6 o typical test circuit 12v 50k 300nf same type as dut dut v gs 3ma v ds v gs 10v charge qg qgs qgd gate charge test circuit & waveform resistive switching test circuit & waveform v ds v gs r g r l v dd 10v v ds v gs 10% 90% td(on) t on tr td(off) t off t f unclamped inductive switching test circuit & waveform v ds r g v dd 10v l tp i d b vdss i as v dd tp time v ds(t) i d(t) e as = 1 - 2 li as 2 b vdss b vdss v dd dut dut 200nf
silan microelectronics svf 12n60 t/f /fg /s /k _datasheet hangzhou silan microelectronics c o.,ltd rev: 1. 201 2.0 . 2 3 h ttp://.silan.com.cn page o package outline to -220- 3l unit: mm 6.10.00 . to -220f -3l unit: mm 3.300.2 2.00.30 .20. 30 10.030.30 2.0. 2 1.0.0 .00.0 2. type 1.max 0.00.1 0.00.1 1.00.0 6.00.30
silan microelectronics svf 12n60 t/f /fg /s /k _datasheet hangzhou silan microelectronics c o.,ltd rev: 1. 201 2.0 . 2 3 h ttp://.silan.com.cn page o package outline (continued) to -263- 2l unit: mm .0.10 1.20. 10 1.20.10 0 to -262- 3l unit: mm 0.1
silan microelectronics svf 12n60 t/f /fg /s /k _datasheet hangzhou silan microelectronics c o.,ltd rev: 1. 201 2.0 . 2 3 h ttp://.silan.com.cn page o disclaimer : ? silan reserves the right to make changes to the information herein for the improvement of the design and performance without further notice! customers should obtain the l atest relevant information before placing orders and should verify that such information is complete and current. ? all semiconductor products malfunction or fail with some probability under special conditions. when using silan products in system design or c omplete machine manufacturing, it is the responsibility of the buye r to comply with the safety standards strictly and take essential measures to avoid situations in which a malfunction or failure of such silan products could cause loss of body injury or damage to property. ? silan will supply the best possible product for c ustomers! attachment revision history dat e rev description page 2011.01.1 1.0 original 2011.0.30 1.1 modiy package outline 2012.0. 11 1.2 add the halogen ree inormation o svf12n60f 2012.0.31 1.3 modiy the value o trr and rr modiy the value o c apacitance modiy the igure 2012.06.1 1. modiy the typ. value o r ds(on) 2012.0.23 1. add the package o to - 262 - 3l


▲Up To Search▲   

 
Price & Availability of SVF12N60STR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X